Part Number Hot Search : 
SI4778DY XP514618 STUS053 CDRH104 RA45H CAPA110 1N522 PIC16C65
Product Description
Full Text Search
 

To Download 14-60-0207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/30/2010 please check www.molex.com for latest part information part number: 0014600207 status: active description: 2.54mm (.100") pitch sl? insulation displacement connector assembly, female, single row, version c, front ribs, wire size 24, 3.81m (150") tin/lead (snpb), 20 circuits documents: 3d model product specification ps-70400 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family ribbon cable / wire trap connectors series 70400 comments terminals preloaded component type housing glow-wire compliant no product name sl? physical circuits (loaded) 20 color - resin black durability (mating cycles max) 25 entry angle vertical flammability 94v-0 lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester alloy number of rows 1 pcb retention none packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to mating part yes stackable yes surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style idt or pierce wire insulation diameter 1.35mm (.053") max. wire size awg 24 wire/cable type discrete wire, ribbon cable electrical current - maximum per contact 3a voltage - maximum 250v material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70400 series mates with 70544, 70546, 70554 , 70556 use with 7307 tinned 28awg, 7767 topcoat 28awg, 24241 tinned 26awg, 8996 topcoat 26awg, 24226 tinned 24awg, 8997 topcoat 24awg, 24369 high flex 26awg, 24389 high flex 24awg application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # hawk semi- automatice discrete wire terminator for sl - rebuilt us* 0011201337
reference - drawing numbers product specification ps-70400 sales drawing sda-70400-0036-0059 hawk? ribbon cable terminator for sl without break-off 0623003000 hawk? semi- automatic discrete wire terminator for sl 0623003100 hawk? flat flex cable terminator for sl with break-off 0623005200 hawk? ribbon cable terminator with for sl break-off 0623005300 hawk? semi- automatic discrete wire terminator for sl - rebuilt ce approved* 0623004900 this document was generated on 03/30/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 14-60-0207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X